Part Number Hot Search : 
70217 W1616 2SC5129 1C220 AK4223 SM6104P 7421FC ILA7052
Product Description
Full Text Search
 

To Download FDUE0640-R22M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for Surface Mounting
FDUE0640
Inductance Range: 0.22H~0.42uH
DIMENSIONS
Recommended patterns
Tolerance 0.3 (Unit: mm)
(Unit: mm)
FEATURES
* * * * 6.7 x 7.6mm square and 4.0mm Max. height. Magnetically shielded, low DC resistance. Suitable for large current The use of magnetic iron powder ensure capability for large current. * Low audible core noise. * Ideal for DC-DC converter applications in hand held personal computer and etc. * RoHS compliant. * 6.7 x 7.6mm * * * * * * RoHS 4.0mm Max.
DC-DC
SELECTION GUIDE FOR STANDARD COILS TYPE FDUE0640 (Quantity/reel; 1000 PCS)
(1) (2) (3) (4)
TOKO Part Number FDUE0640-R22M FDUE0640-R42M
Inductance (H) 0.22 0.42
(1)
Tolerance (%) 20 20
DC (2) Resistance (m) Tolerance 7% 0.89 1.48 (1) (2) 3541(HIOKI) (3) 20% (4) 25 (5)
Inductance (3) Decrease Current (A) Max. (Typ.) L L =20% 18.5 (24.7) 14.8 (19.8) LCR 100KHz 34420A 4284A
Temperature (4) Rise Current T=40C (A) Max. (Typ.) 26.7 (33.6) 22.2 (27.7)
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 100KHz (2) DC resistance is measured with 34420A (Agilent Technologies) or 3541(HIOKI). (Reference ambient temperature 25C) (3) Inductance Decrease Current based upon 20% inductance reduction from the initial value (4) Temperature Rise Current based upon 40C temperature rise. (Reference ambient temperature 25C) (5) Absolute maximum voltage 30VDC. NOTICE: Please be sure that you carefully discuss your planned purchase with our sales division if you intend to use the product for business use etc. is severe.
Agilent Technologies
Agilent Technologies 25 40
30VDC


▲Up To Search▲   

 
Price & Availability of FDUE0640-R22M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X